PART |
Description |
Maker |
COM20020I-HD COM20020I COM20020ILJP COM20020I-DZD |
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
|
SMSC Corporation
|
COM20020I0609 COM20020I3VLJP COM20020I COM20020I3V |
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
|
SMSC[SMSC Corporation]
|
COM20020I3VLJP COM20020I3V-HD COM20020I3V-DZD COM2 |
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
|
SMSC[SMSC Corporation]
|
COM20051ILJP COM20051I |
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
|
SMSC[SMSC Corporation]
|
COM20019I COM20019I-HD COM20019I-LJP |
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
|
SMSC Corporation
|
COM20022 |
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
|
Standard Microsystems
|
COM200221 |
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
|
SMSC Corporation
|
COM20019I07 |
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
|
SMSC Corporation
|
MAX3180 MAX3180EUK-T MAX3181EUK-T MAX3182EUK-T MAX |
3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 " 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 From old datasheet system 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
EF-1199-6B |
2,476,878 Hrs @ 30C GB
|
JMK Inc.
|
2SBFB200-OCBW-0B24B 2SBFB200-OCBW-0B28B 2SBF200 2S |
T2 ANSI #2 AND #3 TELEPHONE SLIDE BASED LEDS
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] N.A.
|